Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRMH2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PRMH2
Description  50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMH2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PRMH2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRMH2
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors
(RET)
14 September 2018
Product data sheet
1. General description
NPN/NPN Resistor-Equipped double Transistors (RET) in an ultra small DFN1412-6 (SOT1268)
leadless Surface-Mounted Device (SMD) plastic package.
NPN/PNP complement: PRMD12.
2. Features and benefits
100 mA output current capability
Built-in bias resistors
Simplifies circuit design
Reduces component count
Reduces pick and place costs
Low package height of 0.5 mm
AEC-Q101 qualified
3. Applications
Digital applications
Cost-saving alternative to BC847/BC857 series in digital applications
Control of IC inputs
Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
hFE
DC current gain
VCE = 5 V; IC = 5 mA; Tamb = 25 °C
80
-
-
R1
bias resistor 1
[1]
33
47
61
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
0.8
1
1.2
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PRMH2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMH2 NEXPERIA-PRMH2 Datasheet
252Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
27 July 2017
PRMH2Z NEXPERIA-PRMH2Z  Datasheet
252Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
27 July 2017
PRMH2 NEXPERIA-PRMH2_V01 Datasheet
252Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
27 July 2017
More results

Similar Description - PRMH2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMD2 NEXPERIA-PRMD2 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD3 NEXPERIA-PRMD3 Datasheet
287Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD10 NEXPERIA-PRMD10 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD12 NEXPERIA-PRMD12 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD13 NEXPERIA-PRMD13 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD16 NEXPERIA-PRMD16 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMH9 NEXPERIA-PRMH9 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH10 NEXPERIA-PRMH10 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH11 NEXPERIA-PRMH11 Datasheet
261Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH13 NEXPERIA-PRMH13 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com