Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRMH9 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PRMH9
Description  50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMH9 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PRMH9 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PRMH9 Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Nexperia
PRMH9
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1268
- - -
sot1268_po
18-08-23
18-09-11
Note
1. Dimension A is including plating thickness.
0
1 mm
scale
detail X
pin 1
index area
pin 1
index area
(2×)
B
D
A
A1
E
A
e1
e
T
(6×)
e1
e
X
A B
DFN1412-6: plastic thermal enhanced ultra thin small outline package; no leads;
6 terminals; body: 1.4 x 1.2 x 0.47 mm
SOT1268
Unit(1)
mm
min
nom
max
1.35 0.43
0.195
0.145
0.245
A
Dimensions (mm are the original dimensions)
A1
b
0.15
D
D1
e
e1
L
0.16
0.10
0.22
T
0.50
0.47
0.44
0.04
0.00
1.45
1.40
0.53
0.25
0.20
1.15
1.25
E
E1
0.32
0.42
0.35
0.5
0.48 1.20 0.37
V
Y
Y1
0.1
1
3
6
b
(6×)
4
E1
(2×)
D1
(2×)
L
(6×)
5
2
0.05 0.05
Y
C
Y1
C
C
V
Fig. 11. Package outline DFN1412-6 (SOT1268)
PRMH9
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
9 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com