Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3053CX10 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP3053CX10
Description  Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP3053CX10 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP3053CX10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP3053CX10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IP3053CX5_CX10_CX15_CX20_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 3 May 2010
3 of 15
NXP Semiconductors
IP3053CX5/CX10/CX15/CX20
2, 4, 6 and 8-channel passive EMI-filter network with ESD protection
3.
Ordering information
4.
Functional diagram
5.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP3053CX5
WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
IP3053CX5
IP3053CX10
WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
IP3053CX10
IP3053CX15
WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
IP3053CX15
IP3053CX20
WLCSP20
wafer level chip-size package; 20 bumps (8-4-8)
IP3053CX20
Fig 5.
Schematic diagram IP3053CX5; IP3053CX10; IP3053CX15; IP3053CX20
008aaa225
A1 to A8
B1 to B4
C1 to C8
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+5.6
V
VESD
electrostatic discharge voltage
IEC 61000-4-2 level 4; all pins
to ground
contact discharge
−8
+8
kV
air discharge
−15
+15
kV
Ich
channel current (DC)
per channel; Tamb = 85 °C
-
5
mA
Ich(AC)
channel current (AC)
per channel; Tamb = 85 °C
-
50
mA
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com