Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3348CX15 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP3348CX15
Description  Integrated multi channel LC-filter network for high-speed data interfaces with ESD protection to IEC 61000-4-2 level 4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP3348CX15 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP3348CX15 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP3348CX15 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IP3348CX5_CX10_CX15_CX20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.1 — 4 April 2011
3 of 16
NXP Semiconductors
IP3348CX5/CX10/CX15/CX20
Multi channel LC-filter network for high-speed data interfaces
3.
Ordering information
4.
Functional diagram
5.
Limiting values
[1]
Device is qualified with 1000 pulses of
±15 kV contact discharges each, according to the IEC 61000-4-2 model and far exceeds the
specified level 4 (8 kV contact discharge).
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP3348CX5
WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
IP3348CX5
IP3348CX10
WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
IP3348CX10
IP3348CX15
WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
IP3348CX15
IP3348CX20
WLCSP20
wafer level chip-size package; 20 bumps (8-4-8)
IP3348CX20
Fig 5.
Schematic diagram of IP3348CX5; IP3348CX10; IP3348CX15; IP3348CX20
008aaa252
A1 to A8
B1 to B4
C1 to C8
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
−4+4
V
Ich
channel current (DC)
Tamb =85 °C-
20
mA
VESD
electrostatic discharge voltage
all pins to ground
contact discharge; 10 pulses
[1]
−20
+20
kV
air discharge
−20
+20
kV
IEC 61000-4-2 level 4; all pins
to ground
contact discharge
−8+8
kV
air discharge
−15
+15
kV
Pch
channel power dissipation
continuous; Tamb =85 °C-
10
mW
Tstg
storage temperature
−55
+150
°C
Treflow(peak)
peak reflow temperature
10 s maximum
-
260
°C
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com