Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP2G17 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G17
Description  Low-power dual Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G17 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP2G17 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G17 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AXP2G17 is a dual Schmitt trigger buffer. It can transform slowly changing input
signals into sharply defined, jitter-free output signals.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.5 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP2G17
Low-power dual Schmitt trigger
Rev. 1 — 12 November 2015
Poduct data sheet


Similar Part No. - 74AXP2G17

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AXP2G14GM NEXPERIA-74AXP2G14GM Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AXP2G14GN NEXPERIA-74AXP2G14GN Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AXP2G14GS NEXPERIA-74AXP2G14GS Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AXP2G14GX NEXPERIA-74AXP2G14GX Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
More results

Similar Description - 74AXP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com