Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1USB3S Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD1USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1USB3S Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD1USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
6. Characteristics
6.1. Channel characteristics
Table 6. Channel characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Cd
diode capacitance
f = 1 MHz; VI = 2.5 V
[1] -
0.45
-
pF
IRM
reverse leakage current per line; VI = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 1 mA
6
9
-
V
VF
forward voltage
IF = 10 mA
-
0.8
-
V
TLP
[2]
• positive transient
-
0.16
-
Ω
• negative transient
-
0.16
-
Ω
surge
[3]
• positive transient
-
0.25
-
Ω
Rdyn
dynamic resistance
• negative transient
-
0.25
-
Ω
[1] This parameter is guaranteed by design.
[2] 100 ns Transmission Line Pulse (TLP); 50 Ω; pulser at 70 to 90 ns.
[3] According to IEC 61000-4-5 (8/20 μs).
6.2. Frequency characteristics
Table 7. Frequency characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Differential mode: Sdd21
f-3dB
cut-off frequency
[1] -
17
-
GHz
[1] Normalized to attenuation at 1 MHz.
aaa-021319
-3
-5
-1
1
Sdd21
(dB)
-7
f (Hz)
107
1011
1010
108
109
Sdd21 pin 5 - 6
Sdd21 pin 1 - 2
Fig. 1. Differential mode insertion loss; typical values
aaa-021320
-40
-60
-20
0
Sdd21
(dB)
-80
f (Hz)
108
1011
1010
109
Sdd21 A3-A4 > C1-C2
Sdd21 A5-A6 > C1-C2
Fig. 2. Differential cross-talk; typical values
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com