Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3USB3S Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PESD3USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB3S Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PESD3USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 14Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PESD3USB3S
pesd3usb3s_po
Unit
mm
max
nom
min
0.60 0.38
2.42 1.22
0.80
A
Dimensions (mm are the original dimensions)
WLCSP15: wafer level chip-size package; 15 bumps (6-3-6)
PESD3USB3S
A1
b
0.31
D
E
e
e1
e2
0.80
e3
0.57 0.37
2.37 1.17 0.40 0.40
0.26
0.54 0.36
2.32 1.12
0.21
0
1 mm
scale
detail X
A
A1
D
E
bump A1
index area
bump A1
index area
X
e2
e
e1
e3
b
1
2
4
3
6
5
A
B
C
1/2 e
B1
B2
B3
15-12-11
Fig. 17. Package outline WLCSP15
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
11 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com