Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B45 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B45
Description  Isolated, Frequency Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B45 Datasheet(HTML) 3 Page - Analog Devices

  5B45 Datasheet HTML 1Page - Analog Devices 5B45 Datasheet HTML 2Page - Analog Devices 5B45 Datasheet HTML 3Page - Analog Devices 5B45 Datasheet HTML 4Page - Analog Devices 5B45 Datasheet HTML 5Page - Analog Devices 5B45 Datasheet HTML 6Page - Analog Devices 5B45 Datasheet HTML 7Page - Analog Devices 5B45 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B45 / 5B46
Rev. 0 | Page 3 of 8
5B45 and 5B46 Models Available
Model
Input Range
Output Range
Rise/Fall Time
Step Response
5B45-01
0 Hz to 500 Hz
0 V to +5 V
80 ms
150 ms
5B45-02
0 Hz to 1 kHz
0 V to +5 V
60 ms
140 ms
5B45-03
0 Hz to 2.5 kHz
0 V to +5 V
50 ms
130 ms
5B45-04
0 Hz to 5 kHz
0 V to +5 V
50 ms
130 ms
5B45-05
0 Hz to 10 kHz
0 V to +5 V
50 ms
130 ms
5B45-Custom
*
*
Model
Input Range
Output Range
Rise/Fall Time
Step Response
5B46-01
0 Hz to 25 kHz
0 V to +5 V
15 ms
44 ms
5B46-02
0 Hz to 50 kHz
0 V to +5 V
7 ms
22 ms
5B46-03
0 Hz to 100 kHz
0 V to +5 V
4 ms
12 ms
5B46-04
0 Hz to 250 kHz
0 V to +5 V
4 ms
9 ms
5B46-Custom
*
*
* Custom Input/Output ranges are available. Refer to configuration guide.
5B45 and 5B46 Specifications
Description
Model 5B45
Model 5B46
Frequency Input
Standard Ranges
Refer to Model Table
Refer to Model Table
Custom Ranges
500 Hz span, min.; 20 kHz span, max.
20 kHz span, min.; 275 kHz span, max.
Over-range
20% of Span
*
Voltage Range
70 mV rms min. 240 V rms max.
*
Waveforms
Sine, Square, Triangle, Pulse Train
*
Pulse Width (Pulse Train Inputs)
2 µs min.
*
Threshold Options
Zero Crossing or TTL (+1.4 V)
*
TTL Input, Low (-40°C to +85°C)
0.8 V max.
*
TTL Input, High (-40°C to +85°C)
2.0 V min.
*
Hysteresis Options1
±25 mV or ±400 mV
*
Output Ranges (RL > 50 k Ω)
-5 V to +5 V or 0 V to +5 V
*
Accuracy2
Initial @ +25°C
±0.05% Span (±0.1% Span, max.)
*
Nonlinearity
±0.005% Span (±0.015% Span, max.)
*
Output Offset vs. Temperature
±20 µV/°C
*
Gain vs. Temperature
±20 ppm/°C
*
Input Bias Current, Vin < 5 V peak-peak
100 µA
*
Input Impedance
Small Signal, Vin < 5 V peak-peak
5 M
Ω
*
Large Signal, Vin > 5 V peak-peak
40 k
Ω || 330 pF
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com