Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G98GF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G98GF
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G98GF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G98GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G98GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC1G98
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 19 December 2016
2 of 20
Nexperia
74LVC1G98
Low-power configurable multiple function gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G98GW
40 Cto+125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G98GV
40 Cto+125 C
SC-74
plastic surface mounted package; 6 leads
SOT457
74LVC1G98GM
40 Cto+125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G98GF
40 Cto+125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G98GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G98GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC1G98GW
V9
74LVC1G98GV
V98
74LVC1G98GM
V9
74LVC1G98GF
V9
74LVC1G98GN
V9
74LVC1G98GS
V9
Fig 1.
Logic symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com