Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G06GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G06GS
Description  Low-power inverter with open-drain output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G06GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1G06GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AXP1G06 is a single inverter with open-drain output.
Schmitt-trigger action at the input makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 0.7 pF (typical)
Low dynamic power consumption; CPD = 1.0 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Input accepts voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G06
Low-power inverter with open-drain output
Rev. 1 — 15 January 2014
Product data sheet


Similar Part No. - 74AXP1G06GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
Low-power inverter with open-drain output
Rev. 1-15 January 2014
More results

Similar Description - 74AXP1G06GS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
Low-power inverter with open-drain output
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com