Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTD113Z Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTD113Z
Description  50 V, 500 mA NPN resistor-equipped transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD113Z Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTD113Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PDTD113Z_123Y_143XQA_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 31 March 2016
3 of 21
NXP Semiconductors
PDTD113Z/123Y/143XQA
50 V, 500 mA NPN resistor-equipped transistors
4.
Marking
4.1 Binary marking code description
5.
Limiting values
Table 5.
Marking codes
Type number
Marking code
PDTD113ZQA
01 11 11
PDTD123YQA
10 00 11
PDTD143XQA
01 10 01
Fig 1.
SOT1215 binary marking code description
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
VENDOR CODE
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-008041
MARK-FREE AREA
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
PDTD113ZQA
-
5
V
PDTD123YQA
-
5
V
PDTD143XQA
-
7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com