Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G57 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G57
Description  Low-power configurable multiple function gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G57 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G57 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP1G57 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G57
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 16 September 2015
10 of 18
Nexperia
74AXP1G57
Low-power configurable multiple function gate
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 0.85 V
(2) Typical: Tamb = 25 C; VCC = 0.8 V
(3) Maximum: VCC = 0.75 V
Fig 19. Additional tpd versus load capacitance
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 20. Test circuit for measuring switching times
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.75 V to 2.7 V
5 pF
10 k
0 V0 V2
 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com