Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP2T08 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
11. Dynamic characteristics
Table 10. Typical dynamic characteristics at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit, see Fig. 12; for waveform, see Fig. 5.
VCCO
Symbol Parameter
Conditions
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
fi = 1 MHz; RL = ∞ Ω; VI = 0 V to VCCI
[1]
input supply
[2]
VCCI = 0.8 V
0.4
0.4
0.4
0.4
0.4
0.4
pF
VCCI = 1.2 V
0.5
0.5
0.5
0.5
0.5
0.5
pF
VCCI = 1.5 V
0.5
0.5
0.5
0.5
0.5
0.5
pF
VCCI = 1.8 V
0.6
0.6
0.6
0.6
0.6
0.6
pF
VCCI = 2.5 V
0.8
0.8
0.8
0.8
0.8
0.8
pF
output supply
[3]
VCCI = 0.8 V
6.7
6.8
6.8
6.9
7.5
9.5
pF
VCCI = 1.2 V
6.8
6.9
7.0
7.0
7.1
7.6
pF
VCCI = 1.5 V
6.9
6.9
6.9
7.0
7.1
7.6
pF
VCCI = 1.8 V
6.9
6.9
6.9
7.0
7.2
7.6
pF
CPD
power dissipation
capacitance
VCCI = 2.5 V
6.9
7.0
7.0
7.0
7.2
7.6
pF
CI
input capacitance
VI = 0 V or VCCI; VCCI = 0 V to 2.7 V
0.6
0.6
0.6
0.6
0.6
0.6
pF
CO
output capacitance
VO = 0 V; VCCO = 0 V
1.8
1.8
1.8
1.8
1.8
1.8
pF
[1] CPD is used to determine the dynamic power dissipation (PD in μW).
[2] Power dissipated from input supply (VCCI)
PD = CPD x VCCI2 x fi x N where:
CPD = power dissipation capacitance of the input supply; VCCI = input supply voltage in V; fi = input frequency in MHz; N = number of inputs switching.
[3] Power dissipated from output supply (VCCO)
PD = (CL + CPD) x VCCO2 x fo where:
CL = load capacitance in pF; CPD = power dissipation capacitance of the output supply; VCCO = output supply voltage in V; fo = output frequency in MHz.
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com