Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP2T08GF Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08GF
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08GF Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
aaa-018544
DUT
VCCI
0 V
10 %
90 %
90 %
10 %
VM
VM
VM
VM
0 V
negative
pulse
positive
pulse
VI
VI
tr
tf
PULSE
GENERATOR
VCCO
VI
VO
RT
RL
CL
tW
tf
tr
tW
Test data is given in Table 13.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
Fig. 12. Test circuit for measuring switching times
Table 13. Test data
Supply voltage
Load
Input
VCCI
VCCO
CL
RL
tr, tf
VI
0.75 V to 2.7 V
1.2 V to 5.5 V
5 pF
5 kΩ
≤3.0 ns
VCCI
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
11 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com