Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807K Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # BC807K
Description  45 V, 500 mA PNP general-purpose transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807K Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button BC807K Datasheet HTML 16Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 17Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 18Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 19Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 20Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 21Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 22Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 23Page - Nexperia B.V. All rights reserved BC807K Datasheet HTML 24Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Nexperia
BC807K series
45 V, 500 mA PNP general-purpose transistors
BC807K_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 24 April 2018
21 / 24
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2×)
1.2
(2×)
2.2
2.6
Dimensions in mm
Figure 45. Wave soldering footprint for SOT23 (TO-236AB)
11 Revision history
Table 11. Revision history
Document ID
Release date
Data sheet status Change notice
Supersedes
BC807K_SER v.2
20180424
Product data sheet -
BC807_SER v.1
Modifications:
• Characteristics: Figures are updated
BC807_SER v.1
20171108
Product data sheet -
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com