Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPP Datasheet(PDF) 2 Page - Belden Inc.

Part # MIPP
Description  MIPP Pre-Terminated MPO Cassette
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

MIPP Datasheet(HTML) 2 Page - Belden Inc.

  MIPP Datasheet HTML 1Page - Belden Inc. MIPP Datasheet HTML 2Page - Belden Inc. MIPP Datasheet HTML 3Page - Belden Inc. MIPP Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Construction, Dimensions & Mechanical data
Table 1 - Housing properties
Table 2 – Fiber Cassette properties
Indication of inside cassette:
Fiber Pre-Terminated Cassettes
Description
MPO to 6 LC
MPO to 6 LC
Configuration
PSLDMA
P4LDMA
Fiber count
Fiber type
OS2 (blue)
OM4 (aqua)
Polarity Type
A
A
MPO gender (Trunk side)
Male
Male
MPO Polishing type
OS2/APC
OM4/PC
LC Polishing type
OS2/UPC
OM4/PC
Material
Appr. Weight Module (gr)
Protection Class
260
IP40
Steel (Powder coated)
1 MPO with 12 fibers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com