Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20136PQ-L1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MTC20136PQ-L1
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136PQ-L1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MTC20136PQ-L1 Datasheet HTML 9Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 10Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 11Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 12Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 13Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 14Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 15Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 16Page - STMicroelectronics MTC20136PQ-L1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
MTC20136
Memory map modes
Three modes are defined :
a) Normal mode:
The internal RAM is mapped in the lower part of memory. This is the normal operating mode, it allows
maximum speed access to exception vectors.
b) Normal boot mode:
If the TROM external pin is high at reset, the MTC20136 boots from an external FEPROM.
c) Internal boot mode:
If the TROM external pin is low at reset, the MTC20136 boots from its internal ROM. This mode can be
used to perform code download from a host.
Boot modes are used at RESET time.
Boot_M0 andBoot_M1 on pin 26 and 27 conrol the port to be used for downloading the code into the
SDRAM after Bootup. This when TROM is low.
MTC20135, MTC20455 access
The MTC20136 directly connects to the MTC20135 without glue logic. Following features are provided for
MTC20135 access :
– 16 bit multiplexed address/data bus giving 64Kbyte address space per MTC20135.
– synchronous ready-controlled operation - control signals : nCS[4:7], E_CLK, ALE, W/nR, nRDYRCV
– Little endian byte ordering on 16 bit bus - nRDYRCV timeout mechanism
The timing diagram of the access to the MTC20135 or MTC20455 is shown in figure 3:
Pin Name
MTC20135, MTC20455
access function
SDRAM
access function
SRAM/FEPROM
access function
E_A [15:0]
-
S_A [11:0]
E_A [15:0]
E_D [15:0]
AD [15:0]
S_Q [15:0]
E_D [15:0]
E_nCS [1:0]
-
-
E_nCS [1:0]
E_nCS [7:4]
nCS [7:4]
-
-
E_nCS_S
-
S_nCS
-
E_Clk
E-Clk
S_Clk
-
E_ALE
ALE
-
-
E_nRDYRCV
nRDYRCV
-
-
E_nOE
-
-
E_nOE
E_nWE0
W/nR
-
E_nWE0
E_nWE1
-
S_nWE
E_nWE1
Boot_M1
(Pin27)
Boot_M0
(Pin26)
0
1
9600 Bps via serail port 1
1
0
Par. CTRL-E
1
1
Par.CTRL-E
Table 1. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com