Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR720-EVAL Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR720-EVAL
Description  Evaluation Board for STR72xF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720-EVAL Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR720-EVAL Datasheet HTML 12Page - STMicroelectronics STR720-EVAL Datasheet HTML 13Page - STMicroelectronics STR720-EVAL Datasheet HTML 14Page - STMicroelectronics STR720-EVAL Datasheet HTML 15Page - STMicroelectronics STR720-EVAL Datasheet HTML 16Page - STMicroelectronics STR720-EVAL Datasheet HTML 17Page - STMicroelectronics STR720-EVAL Datasheet HTML 18Page - STMicroelectronics STR720-EVAL Datasheet HTML 19Page - STMicroelectronics STR720-EVAL Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
3 Connectors
STR720-EVAL
15/31
3.3
RS232 serial data connector
9-pin general purpose D-type male connectors
3.4
Debug
Figure 11. RS232 transmit and receive connectors: CN7, CN8
Table 10.
RS232 connector pinout: CN7, CN8
Pin
Description
Pin
Description
Pin
Description
1
Shorted to pin 4 and 6
4
Shorted to pin 1 and 6
7
Shorted to pin 8
2
R1IN (port A), R2IN (port B)
5
GROUND
8
Shorted to pin 7
3
T1OUT (port A), T2OUT (port B) 6
Shorted to pin 1 and 4
9
Not connected
Figure 12. JTAG standard interface: CN9
Table 11.
JTAG interface pinout: CN9
Pin
Description
Pin
Description
4, 6, 8, 10, 12, 14,
16, 18, 20
GROUND
9
TCK
1
VTref+3.3 V
11
RTCK (GROUND)
2
Vsupply +3.3 V
13
TD0
3
notTRST
15
notReset
5
TDI
17
DBGRQS pulled low
7
TMS
19
DBGACK pulled low
RS232 - Data A
RS232 - Data B
5
4
3
2
1
9
8
7
6
5
4
3
2
1
9
8
7
6
1
2
3
4
5
6
7
8
9
10
11
12
14
16
18
20
13
15
17
19
Debug-JTAG port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com