Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0824997 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824997
Description  Zack marker strip - ZB 7,62 CUS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824997 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824997 Datasheet HTML 1Page - PHOENIX CONTACT 0824997 Datasheet HTML 2Page - PHOENIX CONTACT 0824997 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0824997
2/25/14   Page 1 / 3
Zack marker strip - ZB 7,62 CUS - 0824997
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type:
Snap into tall marker groove, For terminal block width: 7.62 mm, Lettering field: 10.5 x 7.5 mm
The figure shows the versions
ZB 7,62- UNBEDRUCKT, -
LGS:FORTL.ZAHLEN, and -CUS
Product Features
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
 The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
Key commercial data
Packing unit
1 pc
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Width (a)
7.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Color
white
Base element material
PA
Components
free from silicone and halogen
Inflammability class according to UL 94
V2
Material
PA
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0824997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824990 PHOENIX-0824990 Datasheet
227Kb / 5P
ZB 6/YE CUS - Zack marker strip
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0824994 PHOENIX-0824994 Datasheet
58Kb / 3P
Zack marker strip - ZB 7,5 CUS
0824995 PHOENIX-0824995 Datasheet
228Kb / 5P
ZB 7,62/OG CUS - Zack marker strip
0824998 PHOENIX-0824998 Datasheet
228Kb / 5P
ZB 8/BU CUS - Zack marker strip
More results

Similar Description - 0824997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824945 PHOENIX-0824945 Datasheet
56Kb / 3P
Zack marker strip - ZB 15 CUS
0824948 PHOENIX-0824948 Datasheet
56Kb / 3P
Zack marker strip - ZB 20,3 CUS
0824949 PHOENIX-0824949 Datasheet
52Kb / 3P
Zack marker strip - ZB 22 CUS
0824951 PHOENIX-0824951 Datasheet
53Kb / 3P
Zack marker strip - ZB 4 CUS
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0825011 PHOENIX-0825011 Datasheet
53Kb / 2P
Zack marker strip - ZB 8 CUS
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com