Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQMD2 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PQMD2
Description  NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMD2 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PQMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMD2
NPN/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ
PQMD2
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 November 2015
10 / 17
VCB (V)
0
-50
-40
-20
-30
-10
006aac804
2
4
6
Cc
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 16. PNP transistor: Collector capacitance as a
function of collector-base voltage; typical
values
006aac763
IC (mA)
-10-1
-102
-10
-1
102
103
fT
(MHz)
10
VCE = -5 V; Tamb = 25 °C
Fig. 17. PNP transistor: Transition frequency as a
function of collector current; typical values of
built-in transistor
11. Test information
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
11.2 Resistor calculation
• Calculation of bias resistor 1 (R1)
• Calculation of bias resistor ratio (R2/R1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com