Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAMFORD Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # STAMFORD
Description  RRA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

STAMFORD Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  STAMFORD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. STAMFORD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEC (Big )
INTERNATIONAL
TECHNICAL DATA
VRSM
(V)
1
www.rectifierindia.com
April 2011
DEVICE TYPE
1000
1100
FEATURES
TYPICAL APPLICATIONS
V
(V)
DRM
Compact in size
Hermatic glass metal diode
Diode - 70NC/RC
SYMBOL
CONDITIONS
VALUES
IF(AV)
Maximum average forward Current TC = 1400C
50A
VFM
1.35 V
IFSM
500 A
I2t
Max. I2t rating (non-rep.) for 10 msec
1250 A
2
Sec
IRRM
Peak reverse current at Tvj = 1750C
V0
R0
Tvj=max
Tvj=max
0.85 V
6.00 m
Rth(j-c)
Rth(c-h)
Tvj
Tstg
Maximum thermal resistance (
Junction to case)
Maximum thermal resistance ( Case to heat sink)
Junction temperature
Storage temperature
1.0
C/W
0.30
C/W
150
C
160
C
Mounting torque
6 NM
Weight
Approx.
Package Outline
Maximum peak forward Voltage drop @ Rated I F (Peak)
Maximum peak one cycle (non-rep.) surge current 10 msec
10 mA
RRA
2.0 Kg.
STAMFORD (BIG)
STAMFORD- Alternator (750 KVA)
RRA- STAMFORD (BIG)
I R-49


Similar Part No. - STAMFORD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAMP0 STMICROELECTRONICS-STAMP0 Datasheet
2Mb / 62P
Microphone array processor with TDM output and recombination for wide dynamic range microphones
28-Apr-2016
STAMP0TR STMICROELECTRONICS-STAMP0TR Datasheet
2Mb / 62P
Microphone array processor with TDM output and recombination for wide dynamic range microphones
28-Apr-2016
More results

Similar Description - STAMFORD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RRA E-SWITCH-RRA Datasheet
121Kb / 1P
RRA Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com