Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIC6C596APW-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NPIC6C596APW-Q100
Description  Power logic 8-bit shift register; open-drain outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NPIC6C596APW-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NPIC6C596APW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NPIC6C596APW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
NPIC6C596A_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 18 October 2013
2 of 20
Nexperia
NPIC6C596A-Q100
Power logic 8-bit shift register; open-drain outputs
3.
Applications
LED sign
Graphic status panel
Fault status indicator
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
NPIC6C596AD-Q100
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
NPIC6C596APW-Q100
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
NPIC6C596ABQ-Q100
40 Cto+125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
Functional diagram
Q0
DS
SHCP
MR
STCP
Q1
3
15
10
2
4
5
6
11
12
13
14
9
78
Q2
Q3
Q4
Q5
Q6
Q7
Q7S
OE
aaa-002547
3
Q0
4
Q1
5
Q2
6
Q3
OPEN-DRAIN OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
11
Q4
12
Q5
13
Q6
14
Q7
OE
STCP
MR
SHCP
Q7S
DS
2
15
9
7
10
8
aaa-002548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com