Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB520CS3002L Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # RB520CS3002L
Description  200 mA low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB520CS3002L Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  RB520CS3002L Datasheet HTML 1Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 2Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 7Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 8Page - Nexperia B.V. All rights reserved RB520CS3002L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
RB520CS3002L
200 mA low VF MEGA Schottky barrier rectifier
RB520CS3002L
All information provided in this document is subject to legal disclaimers.
Product data sheet
25 June 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
Transparent
top view
DFN1006-2 (SOD882)
sym001
1
2
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
RB520CS3002L
DFN1006-2
leadless ultra small plastic package; 2 terminals
SOD882
7. Marking
Table 4.
Marking codes
Type number
Marking code
RB520CS3002L
ZA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com