Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830902 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830902
Description  Marker for terminal blocks - UM1-TMF (5X5)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830902 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830902 Datasheet HTML 1Page - PHOENIX CONTACT 0830902 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0830902
11/20/2019   Page 2 / 2
Marker for terminal blocks - UM1-TMF (5X5) - 0830902
Technical data
General
UV LED technology
Device
5146464 THERMOMARK CARD
5147999 BLUEMARK CLED
Ink ribbon
0801371 THERMOMARK-RIBBON 110-TC
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Result of weather resistance test
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
DIN 50018:2013-05
Climate level
AHT 1.0 S
Cycles
2
Condensation test result
Test passed
Wipe resistance of test specification inscriptions
IEC 61010-1:2010-06
Result of wipe resistance test
Test passed
Marking mounting type
clip on
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Flammability rating according to UL 94
V2
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com