Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT593 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT593
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT593 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT593 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT593 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT593 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT593 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FMMT493
NPN Transistor
Typical Characteristics Curves
www.pingjingsemi.com
3 / 4
Revison:1.0 Apr-2019
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
100
150
200
250
300
350
400
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.1
1
10
100
1000
200
400
600
800
1000
0.1
1
10
100
1000
10
100
1000
0
2
4
6
8
10
12
14
0
2
4
6
8
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
1000
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
oC
I
C
f
T
——
V
CE= 10V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
30uA
27uA
24uA
21uA
18uA
15uA
12uA
9uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
V
CE=10V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C —— VBE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com