Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT617 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT617
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT617 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT617 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT617 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT617 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT617 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMMT717
PNP Transistor
1 / 4
www.pingjingsemi.com
Revision:1.0 Dec-2018
Features
For Switching and Amplifier Applications.
Extremely Low Saturation Voltage
Complementary to NPN Type : FMMT617
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
12
V
Collector Emitter Voltage
-VCEO
12
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
2.5
A
Power Dissipation
PD
625
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to 150
℃
SOT-23
(TO-236)
1.Base 2.Emitter 3.Collector
Marking : 717


Similar Part No. - FMMT617

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT617 ZETEX-FMMT617 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT617 DIODES-FMMT617 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
logo
Guangdong Kexin Industr...
FMMT617TA KEXIN-FMMT617TA Datasheet
86Kb / 2P
NPN Silicon Power Transistor
logo
Diodes Incorporated
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT617 DIODES-FMMT617_15 Datasheet
956Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT617

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com