Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTSC2712G Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC2712G
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC2712G Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC2712G Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2712G Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2712G Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTSC2712
NPN Transistor
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Dec-2018
Features
For
General Purpose Amplifier Applications.
The Transistor is Subdivided into Four Groups O,
Y, G and L. According to its DC Current Gain
Absolute Maximum Ratings
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to 150
℃
Electrical Characteristics
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 6 V, IC = 1 mA
Current Gain Group
O
Y
G
L
HFE
70
120
200
350
-
-
-
-
140
240
400
700
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
100
nA
Collector Emitter Saturation Voltage
at IC = 100 mA, IB = 10 mA
VCE(sat)
-
-
0.25
V
Transition Frequency
at VCE = 10 V, IC = 1 mA
fT
80
-
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
-
3.5
pF
SOT-23
(TO-236)
1.Base 2.Emitter 3.Collector
Marking:
MMBTSC2712O: LO
MMBTSC2712Y: LY
MMBTSC2712G: LG
MMBTSC2712L: LL


Similar Part No. - MMBTSC2712G

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTSC2712 SEMTECH_ELEC-MMBTSC2712 Datasheet
244Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Nanjing International G...
MMBTSC2712 DGNJDZ-MMBTSC2712 Datasheet
116Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTSC2712G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com