Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TKA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TKA_V01 Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA_V01 Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA_V01 Datasheet HTML 3Page - Toppower Electronic Technology Limited TKA_V01 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TKA Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 3 of 4
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
* Pin not fitted on single output variants.
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
*
11
-Vout
14
+ Vin
6 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
*
5
OV
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
SIP Package
DIP Package
2.54
1.00
1.15
6 孔
14 Pin DIP 封装
6HOLES
14 Pin DIP Package
2.54
1.00
1.15 5 孔
6 Pin SIP 封装
6Pin DIP Package
5HOLES
All other types
Output Load Current(%)
+10%
+5%
V
NOM
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load
Line
O utput Load Current(% )
+9%
+1%
V
NO M
-7%
-7%
+1%
-15%
100
75
50
25
10
Typical Load Lin
e
3.3V output types
All dimensions in ±0.25mm . All pins on a 2.54 mm pitch and within ±0.25mm of true position
weight:1.4g(SIP) 1.9g(DIP)
* Pin not fitted on single output variants.
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
4.60
3.60
1.25
0.30
0.20
4.60
3.60
2.54
7.55
0.60
0.50
5.95
5.40
9.80
6
5
4
2
1
14
11
9 8
7
1
0.55
0.45
0.30
0.20
1.09
15.24
2.13
7.62
2.54
19.50
YYWW
TKA0505D
0.50±0.05
16.55
TKA0505S
YYWW
12.70
1.68
bottom view
bottom view
TOPPOWER
TOPPOWER
*
*
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com