Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKA0305DA Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TKA0305DA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA0305DA Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TKA0305DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA0305DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA0305DA Datasheet HTML 3Page - Toppower Electronic Technology Limited TKA0305DA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TKA Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 4 of 4
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
11.60
0.60±0.15
5.00
5.40
4.45
7.70
14 Pin DIP Tube
6 Pin SIP Tube
Unless otherwise stated all dimensions in mm±0.5mm
Tube length(14 Pin DIP): 520mm ±2mm
DIP Tube Quantity:30PCS
Tube length(6 Pin SIP): 525mm ±2mm
SIP Tube Quantity:30PCS
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com