Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKA0503SA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TKA0503SA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA0503SA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TKA0503SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA0503SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA0503SA Datasheet HTML 3Page - Toppower Electronic Technology Limited TKA0503SA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TKA Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The TKA series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency up to 83%
Operating temperature:-40 to
℃
105℃
UL 94V-0 package material
Internal SMD construction
Industry standard pinout
Power sharing on output
Input voltage :3.3V, 5V,12V
Output voltage: 3.3V, 5V, 9V, 12V,15V / ±3.3V,±5V,±9V,±12V,±15V
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TKA0303DA
3.3
3.3
303/30.3
75
DIP
TKA0305DA
3.3
5
200/20
80
DIP
TKA0309DA
3.3
9
111/11.1
75
DIP
TKA0312DA
3.3
12
83/8.3
80
DIP
TKA0315DA
3.3
15
67/6.7
80
DIP
TKA0303SA
3.3
3.3
303/30.3
74
SIP
TKA0305SA
3.3
5
200/20
80
SIP
TKA0309SA
3.3
9
111/11.1
76
SIP
TKA0312SA
3.3
12
83/8.3
77
SIP
TKA0315SA
3.3
15
67/6.7
80
SIP
TKA0503DA
5
3.3
303/30.3
78
DIP
TKA0505DA
5
5
200/20
72
DIP
TKA0509DA
5
9
111/11.1
75
DIP
TKA0512DA
5
12
83/8.3
78
DIP
TKA0515DA
5
15
67/6.7
80
DIP
TKA0503SA
5
3.3
303/30.3
78
SIP
TKA0505SA
5
5
200/20
72
SIP
TKA0509SA
5
9
111/11.1
77
SIP
TKA0512SA
5
12
83/8.3
78
SIP
TKA0515SA
5
15
67/6.7
80
SIP
TKA1205DA
12
5
200/20
75
DIP
TKA1209DA
12
9
111/11.1
82
DIP
TKA1212DA
12
12
83/8.3
82
DIP
TKA1215DA
12
15
67/6.7
82
DIP
TKA1205SA
12
5
200/20
74
SIP
TKA1209SA
12
9
111/11.1
79
SIP
TKA1212SA
12
12
83/8.3
81
SIP
TKA1215SA
12
15
67/6.7
81
SIP
TKA0303D
3.3
±3.3
±151/±15.1
75
DIP
TKA0305D
3.3
±5
±100/±10
/
80
DIP
TKA0309D
3.3
±9
±55/±5.5
74
DIP
TKA0312D
3.3
±12
±43/±4.3
79
DIP
TKA0315D
3.3
±15
±34/±3.4
80
DIP
TKA0303S
3.3
±3.3
±151/±15.1
73
SIP
TKA0305S
3.3
±5
±100/±10
80
SIP
TKA0309S
3.3
±9
±55/±5.5
76
SIP
TKA0312S
3.3
±12
±43/±4.3
77
SIP
TKA0315S
3.3
±15
±34/±3.4
80
SIP
TOPPOWER


Similar Part No. - TKA0503SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKA0503SA TOPPOWER-TKA0503SA Datasheet
432Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA0503SA TOPPOWER-TKA0503SA Datasheet
460Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA0503SA TOPPOWER-TKA0503SA Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA0503SA-W25 TOPPOWER-TKA0503SA-W25 Datasheet
485Kb / 3P
0.25W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA0503SA-W25 TOPPOWER-TKA0503SA-W25 Datasheet
802Kb / 4P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TKA0503SA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com