Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28LV010RT2FS25 Datasheet(PDF) 17 Page - Maxwell Technologies

Part # 28LV010RT2FS25
Description  3.3V 1 Megabit (128K x 8-Bit) EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28LV010RT2FS25 Datasheet(HTML) 17 Page - Maxwell Technologies

Back Button 28LV010RT2FS25 Datasheet HTML 12Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 13Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 14Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 15Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 16Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 17Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 18Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 19Page - Maxwell Technologies 28LV010RT2FS25 Datasheet HTML 20Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV010
03.14.03 REV 6
32 PIN RAD-TOLERANT FLAT PACK
Note: All Dimentions in Inches
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.095
0.109
0.125
b
0.015
0.017
0.022
c
0.004
0.005
0.009
D
--
0.820
0.830
E
0.472
0.480
0.488
E1
--
--
0.498
E2
0.350
0.365
--
E3
0.030
0.085
--
e
0.050BSC
L
0.355
0.365
0.375
Q
0.020
0.035
0.045
S1
0.005
0.027
--
N32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com