Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830935 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830935
Description  Marker for terminal blocks - UM1-TMF (3,5X5)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830935 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830935 Datasheet HTML 1Page - PHOENIX CONTACT 0830935 Datasheet HTML 2Page - PHOENIX CONTACT 0830935 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0830935
05/24/2016   Page 1 / 3
Marker for terminal blocks - UM1-TMF (3,5X5) - 0830935
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Markers for marking terminal blocks from Weidmüller, Conta Clip, and Klemsan, 34-section, unmarked, can be
marked with THERMOMARK CARD and BLUEMARK, color: white
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
2.0 g
Country of origin
Poland
Technical data
Dimensions
Length (b)
5 mm
Width (a)
3.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V2
Material
PC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
34
Number of individual labels per row
17
Number of marker strips
2
RoHS compliant
Yes
Printability
Thermal transfer
UV LED technologie
Device
5146464 THERMOMARK CARD


Similar Part No. - 0830935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830931 PHOENIX-0830931 Datasheet
50Kb / 3P
Marker for terminal blocks - UM7-TM (6X10)
0830932 PHOENIX-0830932 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6R-TM (8X10)
0830933 PHOENIX-0830933 Datasheet
50Kb / 3P
Marker for terminal blocks - UM7-TM (5X10)
0830934 PHOENIX-0830934 Datasheet
50Kb / 3P
Marker for terminal blocks - UM2-TM (4X10)
0830936 PHOENIX-0830936 Datasheet
50Kb / 3P
Marker for terminal blocks - UM2-TM (3,5X10)
More results

Similar Description - 0830935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818153 PHOENIX-0818153 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 5
0821360 PHOENIX-0821360 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TMF 4
0830902 PHOENIX-0830902 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TMF (5X5)
0830903 PHOENIX-0830903 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (6X10)
0830904 PHOENIX-0830904 Datasheet
49Kb / 3P
Marker for terminal blocks - UM1-TMF (6X5)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830909 PHOENIX-0830909 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (6X12)
0830912 PHOENIX-0830912 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (5X12)
0830920 PHOENIX-0830920 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X12)
0830924 PHOENIX-0830924 Datasheet
48Kb / 3P
Marker for terminal blocks - UM1-TMF (8X5)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com