Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T353-800TP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T353-800TP
Description  Phase Control Thysistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T353-800TP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T353-800TP Datasheet HTML 1Page - Inchange Semiconductor Company Limited T353-800TP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
T353-800TP
Phase Control Thysistors
FEATURES
·
Full diffusion process
·
High frequency operation
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
High power converters
·
Phase controlled rectifying
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
3500
V
VDRM
Repetitive Peak Forward Blocking Voltage
3500
V
IT(AV)
Average Forward Current
Half-sine wave,180°conduction,
Tc=88℃
800
A
IT(RMS)
RMS on-state current
Tc=88℃
1256
A
ITSM
Surge on-state current
10 ms, sinusoidal wave shape,
180°conduction, Tj = 125℃
14
KA
I2t
I2t for fusing
10 ms, sinusoidal wave shape
980
KA2S
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~140
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth( j-c)
Thermal Resistance, Junction to Case
0.023
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VTM
Forward Voltage Drop
ITM = 2512 A
2.05
V
IDRM
IRRM
peak reverse and off-state
leakage current
VD=VDRM
VR=VRRM
100
mA
IGT
DC gate current required to trigger
VD=12V,TJ = 25 ℃
200
mA
VGT
DC gate voltage required to trigger
VD=12V,TJ = 25 ℃
4.5
V
tq
Typical turn-off time
ITM = 1000A, di/dt = 25A/µs, VR =
50V, dV/dt = 30V/µs, TJ = 125 ℃
350
µs


Similar Part No. - T353-800TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T353A ETC1-T353A Datasheet
70Kb / 1P
STANDARD SPECIFICATIONS
logo
Kemet Corporation
T353A105J035A KEMET-T353A105J035A Datasheet
138Kb / 10P
TANTALUM DIPPED / RADIAL - POLAR
T353A105J035AS KEMET-T353A105J035AS Datasheet
382Kb / 13P
TANTALUM DIPPED / RADIAL ??POLAR
T353A105J035AS KEMET-T353A105J035AS Datasheet
382Kb / 13P
TANTALUM DIPPED / RADIAL ??POLAR
T353A105J035AT KEMET-T353A105J035AT Datasheet
382Kb / 13P
TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T353-800TP

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com