Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS1232CASE Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS1232CASE
Description  128M bits SDRAM (4M words x 32 bits)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CASE Datasheet(HTML) 2 Page - Elpida Memory

  EDS1232CASE Datasheet HTML 1Page - Elpida Memory EDS1232CASE Datasheet HTML 2Page - Elpida Memory EDS1232CASE Datasheet HTML 3Page - Elpida Memory EDS1232CASE Datasheet HTML 4Page - Elpida Memory EDS1232CASE Datasheet HTML 5Page - Elpida Memory EDS1232CASE Datasheet HTML 6Page - Elpida Memory EDS1232CASE Datasheet HTML 7Page - Elpida Memory EDS1232CASE Datasheet HTML 8Page - Elpida Memory EDS1232CASE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
EDS1232CASE
Data Sheet E0351E30 (Ver. 3.0)
2
Ordering Information
Part number
Supply
voltage
Organization
(words
× bits) Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS1232CASE-1A-E
2.5V
4M
× 32
4
100
2, 3
90-ball FBGA
EDS1232CASE-1AL-E
(
µBGA)
Part Number
Environment Code
Blank: Sn-Pb Solder
E: Lead Free
Elpida Memory
Density / Bank
12: 128M/4 Banks
Bit Organization
32: x32
Voltage, Interface
C: 2.5V, LVTTL
Die Rev.
Package
SE: FBGA
(
µBGA with back cover)
Speed
1A: 100MHz/CL2,3
Spec. Detail
Blank: Normal
L: Low Power
Product Code
S: SDRAM
Type
D: Monolithic Device
E D S 12 32 C A SE - 1A L - E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com