Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-213 Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

Part # SW-213
Description  Push-type Detector Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW-213 Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

  SW-213 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW-213 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW-213 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http: / / www.shinmei-e . c o . jp
Push-type Detector Switches
SW-210 Series
1/3
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>Miniaturized for space saving design.
<>Superior reliability at micro-current by employing a sliding contact.
<>Available in wide variety of mounting methods , operating methods etc.
[]
Applications
<>Mechatronic detection for audio and VCR CD-ROM DVD units.
Actual size
[]
Products Line
No
Products No
Pole
Position
Quantity
(pcs./reel)
Notes
1SW-212
1
1
Reflow soldering is possible.
2SW-213
1
1
Reflow soldering is possible.
3
SW1AB-214A
1
1
Dip soldering is possible.
4
SW1AB-217
11
5
SW1AB-218
11
[]
Typical Specifications
Item
Specification
Ratings (max.)
1mA 5V DC (Resistive load)
Contact resistance
1 ohm max.
Insulation resistance
100 megohm min. 100V DC
Withstanding voltage
100V AC for 1min.
Operating life with load
100,000 cycles
Operating force
0.35N max.


Similar Part No. - SW-213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-210 ETC2-SW-210 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-210 ETC1-SW-210 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
M/A-COM Technology Solu...
SW-212 MA-COM-SW-212 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
List of Unclassifed Man...
SW-212 ETC2-SW-212 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-212 ETC1-SW-212 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - SW-213

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-252S SHINMEI-SW1AB-252S Datasheet
220Kb / 5P
Lever-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-350 SHINMEI-SW1AB-350 Datasheet
125Kb / 3P
Lever-type Detector Switches
SW1AB-411-T28 SHINMEI-SW1AB-411-T28 Datasheet
60Kb / 3P
Lever-type Detector Switches
SW1AF-360-T10 SHINMEI-SW1AF-360-T10 Datasheet
124Kb / 3P
Push-type Detector Switches
SW1AG-400-1 SHINMEI-SW1AG-400-1 Datasheet
76Kb / 2P
Push-type Detector Switches
SW1AG-550 SHINMEI-SW1AG-550 Datasheet
86Kb / 2P
Push-type Detector Switches
SW3AF-361-14AU SHINMEI-SW3AF-361-14AU Datasheet
133Kb / 2P
Push-type Detector Switches
SW-110 SHINMEI-SW-110 Datasheet
119Kb / 3P
Push-type Detector Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com