Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDRB-300 Datasheet(PDF) 2 Page - CUI INC

Part # PDRB-300
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-300 Datasheet(HTML) 2 Page - CUI INC

  PDRB-300 Datasheet HTML 1Page - CUI INC PDRB-300 Datasheet HTML 2Page - CUI INC PDRB-300 Datasheet HTML 3Page - CUI INC PDRB-300 Datasheet HTML 4Page - CUI INC PDRB-300 Datasheet HTML 5Page - CUI INC PDRB-300 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 06/13/2019
│ page 2 of 6
CUI Inc
│ SERIES: PDRB-300 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
180
210
132
264
375
Vac
Vac
Vdc
frequency
47
63
Hz
current
at 90 Vac
at 180 Vac
6.0
3.0
A
A
inrush current
at 115 Vac
at 230 Vac
35
65
A
A
leakage current
input to output
input to FG
0.25
3.5
mA
mA
power factor (passive)
at 230 Vac, full load
0.75
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
7,000
µF
initial set point accuracy
±1
%
line regulation
at full load, V in min to V in max
±0.5
%
load regulation
at Vi nom, 0~100% load
single mode
parallel mode
±1
±5
%
%
adjustability
via built in trim pot, 80% load
24 Vdc output models
48 Vdc output models
22.5
47
28.5
56
Vdc
Vdc
rated continuous loading at
max trim voltage
24 Vdc output models (28.5 Vdc)
48 Vdc output models (56 Vdc)
10.5
5.35
A
A
start-up time
at Vi nom, full load
at Vi nom, full load with max capacitive load
2.5
2.5
s
s
rise time
at Vi nom, full load
at Vi nom, full load with max capacitive load
150
500
ms
ms
hold-up time
at 115 Vac, full load
at 230 Vac, full load
25
30
ms
ms
fall time
at Vi nom, full load
150
ms
transient recovery time
at Vi nom, 100~50% load
2
ms
switching frequency
at Vi nom, full load
40
kHz
temperature coefficient
±0.03
%/°C
DC ON indicator threshold at
start-up (GREEN)
24 Vdc output models
48 Vdc output models
17.6
37.0
19.4
43.0
Vdc
Vdc
DC LOW indicator threshold
after start-up (RED)
24 Vdc output models
48 Vdc output models
17.6
37.0
19.4
43.0
Vdc
Vdc
parallel operation4
at 10~90% load
3
modules
power ready5
threshold voltage of contact closed (at start-up)
electrical isolation
contact rating at 60 Vdc
17.6
500
19.4
0.3
Vdc
Vdc
A
Notes:
4. Single/Parallel mode operation selectable via S/P switch.
5. For 24 Vdc output models only
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com