Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16477320 Datasheet(PDF) 1 Page - Adels-Contact

Part # 16477320
Description  AC 166 VLCG/325 200 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

16477320 Datasheet(HTML) 1 Page - Adels-Contact

  16477320 Datasheet HTML 1Page - Adels-Contact 16477320 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15/11/2019
Connectors System AC 166®
Cord Set
AC 166 VLCG/325 200 white
Connection Cable, 3 pole, white, Coding: 1 (Mains), Cable Type: H05VV-
F, Core Cross-Section: 2.5 mm², Fire Class: Eca, Length: 2.00 m, Voltage
Rating: 250 V, Current Rating: 20 A
Order Info
Reference Number (ref. no.)
16477320
Applications
Lighting, Installation, Electrical Appliances
PU
25
EAN
4028012111961
Type
Type
Connection Cable
Number of poles
3 pole
Colour
white
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Cable Type
H05VV-F
Core Cross-Section
2.5 mm²
Fire Class
Eca
Length
2.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Accessories
AC 166 VKH/ 3 white
169253
AC 166 VKH/ 3 black
169263


Similar Part No. - 16477320

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
16477305 ADELS-16477305 Datasheet
123Kb / 2P
AC 166 VLCG/325 050 white
15/11/2019
16477310 ADELS-16477310 Datasheet
124Kb / 2P
AC 166 VLCG/325 100 white
15/11/2019
16477330 ADELS-16477330 Datasheet
124Kb / 2P
AC 166 VLCG/325 300 white
15/11/2019
16477340 ADELS-16477340 Datasheet
124Kb / 2P
AC 166 VLCG/325 400 white
15/11/2019
More results

Similar Description - 16477320

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B477320 ADELS-9B477320 Datasheet
124Kb / 2P
AC 166 VLCG/325 200 white B2ca
15/11/2019
9D477320 ADELS-9D477320 Datasheet
124Kb / 2P
AC 166 VLCG/325 200 white "Dca"
15/11/2019
16475320 ADELS-16475320 Datasheet
124Kb / 2P
AC 166 VLCG/315 200 white
15/11/2019
16475520 ADELS-16475520 Datasheet
123Kb / 2P
AC 166 VLCG/515 200 white
26/11/2019
16477305 ADELS-16477305 Datasheet
123Kb / 2P
AC 166 VLCG/325 050 white
15/11/2019
16477310 ADELS-16477310 Datasheet
124Kb / 2P
AC 166 VLCG/325 100 white
15/11/2019
16477330 ADELS-16477330 Datasheet
124Kb / 2P
AC 166 VLCG/325 300 white
15/11/2019
16477340 ADELS-16477340 Datasheet
124Kb / 2P
AC 166 VLCG/325 400 white
15/11/2019
16478320 ADELS-16478320 Datasheet
129Kb / 2P
AC 166 VLCG/325 200 black
15/11/2019
96477320 ADELS-96477320 Datasheet
124Kb / 2P
AC 166 VLCG/325 200 H05Z1Z1 white
15/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com