Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC272 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC272
Description  FM Receiver Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC272 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC272 Datasheet HTML 1Page - Sanyo Semicon Device SVC272 Datasheet HTML 2Page - Sanyo Semicon Device SVC272 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC272
No.7680-1/3
Features
•
Twin type varactor diode with good large-signal
characteristics for FM receiver electronic tuning
use.
•
Small package permits SVC272-applied sets to
be compact and slim.
•
Can be also provieded in tape reel package thereby
automatic insertion is supported.
•
High Quality Factor.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA14
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance
*
C2.0V
VR=2.0V, f=1MHz
44.91
49.82
pF
C8.0V
VR=8.0V, f=1MHz
14.07
18.55
pF
Quality Factor
Q
VR=2.0V, f=100MHz
150
Capacitance Ratio
CR
C2.0V / C8.0V
2.3
Matching Tolerance
∆Cm
VR=2.0V, 8.0, f=1MHz (C max-C min) / C min!100
3.0
%
Note)* : Capacitance value per each diode.
Marking : V2
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7680
SVC272
Package Dimensions
unit : mm
1326
[SVC272]
71504 VB TS IM TA-100827
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
3
12
1 : Anode
2 : Anode
3 : Cathode
Top view
Silicon Diffused Junction Type Varactor Diode
FM Receiver Electronic Tuning Applications
1 : Anode
2 : Anode
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
1
2
3
12
3
(Bottom view)
(Top view)


Similar Part No. - SVC272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC272 SANYO-SVC272 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC272 ONSEMI-SVC272 Datasheet
308Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC272-TL-E SANYO-SVC272-TL-E Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC272-TL-E ONSEMI-SVC272-TL-E Datasheet
308Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
More results

Similar Description - SVC272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
FM Receiver Electronic Tuning Applications
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276_12 Datasheet
432Kb / 6P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com