Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC15M00950KBA Datasheet(PDF) 12 Page - AVX Corporation

Part # VC15M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC15M00950KBA Datasheet(HTML) 12 Page - AVX Corporation

Back Button VC15M00950KBA Datasheet HTML 4Page - AVX Corporation VC15M00950KBA Datasheet HTML 5Page - AVX Corporation VC15M00950KBA Datasheet HTML 6Page - AVX Corporation VC15M00950KBA Datasheet HTML 7Page - AVX Corporation VC15M00950KBA Datasheet HTML 8Page - AVX Corporation VC15M00950KBA Datasheet HTML 9Page - AVX Corporation VC15M00950KBA Datasheet HTML 10Page - AVX Corporation VC15M00950KBA Datasheet HTML 11Page - AVX Corporation VC15M00950KBA Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
108
080216
Glass Encapsulated SMD Varistor MLV
(VJ13, 14, 15, 20)
Surface Mounting Guide
SURFACE MOUNTING GUIDE (VJ13, 14, 15, 20, 32)
APPLICATIONS NOTES
SOLDERABILITY/LEACHING
Terminations to be well soldered after immersion in a 60/40
tin/lead solder bath at 235±5ºC for 2±1 seconds.
Terminations will resist leaching for at least the immersion
times and conditions recommendations shown below.
a) The visual standards used for evaluation of solder joints
will need to be modified as lead free joints are not as
bright as with tin-lead pastes and the fillet may not be as
large.
b) Lead-free solder pastes do not allow the same self align-
ment as lead containing systems. Standard mounting
pads are acceptable, but machine set up may need to
be modified.
P/N
Termination Type
Solder
Solder
Immersion
Tin/Lead
Temp. ºC
Time (sec)
Plated MLV
VJ
Nickel and Matte Tin
60/40
260±5
30±1
Plating Termination
Unplated MLV
Plated MLV
Electrodes
Thick
Film
Material
Electrodes
Solder Layer
Nickel Layer
Thick
Film
Material
D1
D2
D3
D4
D5
Case
D1
D2
D3
D4
D5
Size
1206
4.00 (0.157)
1.00 (0.039)
2.00 (0.079) 1.00 (0.039)
1.06 (0.042)
1210
4.00 (0.157)
1.00 (0.039)
2.00 (0.079) 1.00 (0.039)
2.05 (0.081)
1812
5.60 (0.220)
1.00 (0.039)
3.60 (0.142) 1.00 (0.039)
3.00 (0.118)
2220
6.60 (0.260)
1.00 (0.039)
4.60 (0.181) 1.00 (0.039)
5.00 (0.197)
3220
10.21 (0.402) 2.21 (0.087)
5.79 (0.228) 2.21 (0.087)
5.50 (0.217)
REFLOW SOLDERING
Dimensions in mm (inches)
Case
D1
D2
D3
D4
D5
Size
1206
5.00 (0.197)
1.50 (0.059)
2.00 (0.079) 1.50 (0.059)
1.06 (0.042)
1210
5.00 ( 0.197) 1.50 (0.059)
2.00 (0.079) 1.50 (0.059)
2.05 (0.081)
1812
6.60 (0.260)
1.50 (0.059)
3.60 (0.142) 1.50 (0.059)
3.00 (0.118)
2220
7.60 (0.299)
1.50 (0.059)
4.60 (0.181) 1.50 (0.059)
5.00 (0.197)
3220
11.21 (0.441) 1.50 (0.059)
5.79 (0.228) 1.50 (0.059)
5.50 (0.217)
WAVE SOLDERING
Dimensions in mm (inches)
RECOMMENDED
SOLDER PAD
LAYOUT
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
MAXIMUM TEMPERATURE 260ºC
20 - 40 SECONDS WITH 5ºC
RAMP RATE
< 3ºC/s
PREHEAT ZONE
60 - 150 SEC
> 217ºC
VJ Products Lead-Free Reflow Profile
RECOMMENDED SOLDERING PROFILES
VJ products are compatible with a wide range of soldering
conditions consistent with good manufacturing practice for
surface mount components. This includes Pb free reflow
processes and peak temperatures up to 270ºC.
Recommended profiles for reflow and wave soldering are
show below for reference.
VC products are recommended for lead soldering applica-
tion or gluing techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com