Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS345BT Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS345BT
Description  SS22BT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS345BT Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS345BT Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS345BT Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 3.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory
Flammability Classication 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Low power loss ,high efciency
High current capability ,Low forward voltage drop
Low prole package
built-in strain relief ,ideal for automated placement
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.003ounce,0.093 gram
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2. P.C.B. mounted 0.55 X 0.55"(14 X 14mm)copper pad areas
3. Measured at 1MHz and reverse voltage of 4.0volts
(Ratings at 25 C ambient temperature unless otherwise specied ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
R
SEMICONDUCT OR
Dimensions in inches and (millimeters)
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectied current
(See Fig.1)
Maximum instantaneous forward voltage
at 3.0 A(Note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Typical junction capacitance(Note 3)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
3.0
80.0
- 5 to+150
5
250
70 0
.
25 0
.
100
-
5
0.55
0.70
P
F
°C/W
°C
°C
20
14
20
45
32
45
60
42
60
100
70
100
Symbols
Units
SS
32BT
SS
34 BT
5
SS
36BT
SS
310BT
150
105
150
200
140
200
SS
315BT
SS
320BT
085
.
0.95
0.90
T =125 C
A
160
A
20
-
3
- 5 to+150
5
SMBF
0.087(2.2)
0.075(1.9)
0.012(0.30)
MAX
5
°
0.145(3.7 )
0.137(3.5)
0.174(4.4 )
0.166(4.2)
0.217(5.5)
0.201(5.1)
0.055(1.4)
0.043(1.1)
0.047(1.2)
0.028(0.7)
SS32BT THRU SS320BT
40
28
40
SS
34BT
JINAN JINGHENG
CO., LTD.
ELECTRONICS
HTTP
INGHENG CN
://
.
WWW.J
21
-


Similar Part No. - SS345BT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS345BT BILIN-SS345BT Datasheet
97Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com