Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLW010 Datasheet(PDF) 13 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics SMLW010 Datasheet HTML 10Page - Tyco Electronics SMLW010 Datasheet HTML 11Page - Tyco Electronics SMLW010 Datasheet HTML 12Page - Tyco Electronics SMLW010 Datasheet HTML 13Page - Tyco Electronics SMLW010 Datasheet HTML 14Page - Tyco Electronics SMLW010 Datasheet HTML 15Page - Tyco Electronics SMLW010 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Tyco Electronics Corp.
13
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Outline Diagram
Dimensions are in millimeters and (inches). See next page for pin descriptions.
Tolerances: x.x ± 0.5 mm (0.020 in.); x.xx ± 0.38 mm (0.015 in.).
Top View
Side View
Bottom View
8-2791
22.6
(0.89)
PIN 1 MARK
47.8 (1.88)
SMLW010A
DC-DC Power Module
IN:DC 36-75V, 0.6A OUT:DC 5V, 2A
1
0.30 ± 0.1
(0.012 ± 0.004)
0.25
(0.010)
8.5
(0.335)
MAX
28.4
(1.12)
2.54
(0.100)
5.0
(0.197)
3.89
(0.153)
12
3
6
5
4
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com