Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3211236 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3211236
Description  UK 10,3-HESI 1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211236 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3211236 Datasheet HTML 1Page - PHOENIX CONTACT 3211236 Datasheet HTML 2Page - PHOENIX CONTACT 3211236 Datasheet HTML 3Page - PHOENIX CONTACT 3211236 Datasheet HTML 4Page - PHOENIX CONTACT 3211236 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UK 10,3-HESI 1000V
Order No.: 3211236
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211236
 
 
Fuse terminal block, for cartridge fuse insert 10.3 x 38 mm, cross-
section: 1.5 - 25 mm², AWG: 16 - 4, width: 18 mm, color: Black
 
Commercial data
GTIN (EAN)
4
046356
482394
sales group
A040
Pack
10 pcs.
Customs tariff
85369010
Catalog page information
Page 32 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
05/13/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of connections
2
Color
black
Insulating material
PA
Inflammability class acc. to UL 94
V0


Similar Part No. - 3211236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211236 PHOENIX-3211236 Datasheet
457Kb / 18P
UNO-PS/350-900DC/24DC/60W
2016-07-25
More results

Similar Description - 3211236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3004906 PHOENIX-3004906 Datasheet
134Kb / 4P
UK 10,3-HESI
3048386 PHOENIX-3048386 Datasheet
127Kb / 6P
UK 10,3-HESI N
3048387 PHOENIX-3048387 Datasheet
45Kb / 1P
UK 10,3-HESI N BK/RD
3048483 PHOENIX-3048483 Datasheet
86Kb / 3P
UK 10,3-HESI N 2POL
3048496 PHOENIX-3048496 Datasheet
86Kb / 3P
UK 10,3-HESI N 3POL
3048580 PHOENIX-3048580 Datasheet
131Kb / 5P
UK 10,3-CC HESI N
3048581 PHOENIX-3048581 Datasheet
51Kb / 3P
Fuse modular terminal block - UK 10,3-CC HESI N BK/RD
3048603 PHOENIX-3048603 Datasheet
96Kb / 3P
UK 10,3-CC HESI N 3POL
3062142 PHOENIX-3062142 Datasheet
67Kb / 3P
Fuse modular terminal block - PT 10,3-HESI 1000V
3062760 PHOENIX-3062760 Datasheet
52Kb / 4P
Fuse modular terminal block - UK 10,3-HESI 1500V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com