Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0818085 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0818085
Description  PIT 4-PE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0818085 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0818085 Datasheet HTML 1Page - PHOENIX CONTACT 0818085 Datasheet HTML 2Page - PHOENIX CONTACT 0818085 Datasheet HTML 3Page - PHOENIX CONTACT 0818085 Datasheet HTML 4Page - PHOENIX CONTACT 0818085 Datasheet HTML 5Page - PHOENIX CONTACT 0818085 Datasheet HTML 6Page - PHOENIX CONTACT 0818085 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 7
http://www.phoenixcontact.com
Jul 15, 2011
Extract from the online
catalog
 
PIT 4-PE
Order No.: 3211766
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211766
 
 
Ground modular terminal block, Connection method: Push-In
connection, Leg spring connection, Cross section: 0.2 mm² - 6 mm²,
AWG 24 - 10, Width: 6.2 mm, Color: green-yellow, Mounting type: NS
35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
046356
482615
sales group
A603
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 89 (CL1-2011)
Product notes
WEEE/RoHS-compliant since:
12/17/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
green-yellow


Similar Part No. - 0818085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818085 PHOENIX-0818085 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 6
0818085 PHOENIX-0818085 Datasheet
126Kb / 7P
PIT 4-TWIN
0818085 PHOENIX-0818085 Datasheet
128Kb / 7P
PIT 4-TWIN BU
0818085 PHOENIX-0818085 Datasheet
131Kb / 7P
PIT 4-QUATTRO
0818085 PHOENIX-0818085 Datasheet
132Kb / 7P
PIT 4-QUATTRO BU
More results

Similar Description - 0818085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209536 PHOENIX-3209536 Datasheet
120Kb / 6P
PIT 2,5-PE, Ground modular terminal block
3209594 PHOENIX-3209594 Datasheet
134Kb / 6P
PIT 2,5-QUATTRO-PE, Ground modular terminal block
3208943 PHOENIX-3208943 Datasheet
119Kb / 7P
PIT 4-FSI/F
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
PIT 2,5-PE/L/L
3211771 PHOENIX-3211771 Datasheet
126Kb / 7P
PIT 4-TWIN
3211775 PHOENIX-3211775 Datasheet
128Kb / 7P
PIT 4-TWIN BU
3211797 PHOENIX-3211797 Datasheet
131Kb / 7P
PIT 4-QUATTRO
3211802 PHOENIX-3211802 Datasheet
132Kb / 7P
PIT 4-QUATTRO BU
3211922 PHOENIX-3211922 Datasheet
128Kb / 8P
PIT 4-TG
3211933 PHOENIX-3211933 Datasheet
124Kb / 7P
PIT 4-MT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com