Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LVC2G66 Datasheet(PDF) 7 Page - Silicon Supplies

Part # 54LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC2G66 Datasheet(HTML) 7 Page - Silicon Supplies

  54LVC2G66 Datasheet HTML 1Page - Silicon Supplies 54LVC2G66 Datasheet HTML 2Page - Silicon Supplies 54LVC2G66 Datasheet HTML 3Page - Silicon Supplies 54LVC2G66 Datasheet HTML 4Page - Silicon Supplies 54LVC2G66 Datasheet HTML 5Page - Silicon Supplies 54LVC2G66 Datasheet HTML 6Page - Silicon Supplies 54LVC2G66 Datasheet HTML 7Page - Silicon Supplies 54LVC2G66 Datasheet HTML 8Page - Silicon Supplies 54LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 54LVC2G66
Rev 1.0
29/06/19
Analog Switching Characteristics continued7(T
A = 25°C)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
MIN
TYPICAL
MAX
UNITS
1.65V
-
35
-
2.3V
-
50
-
3V
-
70
-
Crosstalk
between
Digital Inputs
and Switch,
OE to A or B
VCT
4.5V
CL = 50pF,
RL = 600Ω,
fIN = 1MHz
square wave
-
100
-
dB
1.65V
-
-58
-
2.3V
-
-58
-
3V
-
-58
-
4.5V
CL = 50pF,
RL = 600Ω,
fIN = 1MHz sine
wave
-
-58
-
dB
1.65V
-
-42
-
2.3V
-
-42
-
3V
-
-42
-
Feed-through
attenuation
(Switch Off),
Input A or B to
Output A or B
αoff(fT)
4.5V
CL = 5pF,
RL = 50Ω,
fIN = 1MHz sine
wave
-
-42
-
dB
1.65V
-
0.100
-
2.3V
-
0.025
-
3V
-
0.015
-
4.5V
CL = 50pF,
RL = 10kΩ,
fIN = 1KHz sine
wave
-
0.010
-
%
1.65V
-
0.150
-
2.3V
-
0.025
-
3V
-
0.015
-
Sine-Wave
Distortion,
Input A or B to
Output A or B
THD
4.5V
CL = 50pF,
RL = 10kΩ,
fIN = 10KHz sine
wave
-
0.010
-
%
 
Switching Waveforms
Figure 1 – Propagation Delay Input to Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com