Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB25035 Datasheet(PDF) 1 Page - Schneider Electric

Part # QOB25035
Description  Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB25035 Datasheet(HTML) 1 Page - Schneider Electric

  QOB25035 Datasheet HTML 1Page - Schneider Electric QOB25035 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOB25035
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on,
50Deg
Price** : 107.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
50 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Bolt-on
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
Not rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
122 °F (50 °C)
Dec 16, 2019
1


Similar Part No. - QOB25035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB250 SCHNEIDER-QOB250 Datasheet
135Kb / 3P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2501021 SCHNEIDER-QOB2501021 Datasheet
124Kb / 2P
QO mini breaker, 50 A, 2 pole, 120/240 V, 10 kA, bolt on, shunt trip
Dec 6, 2019
QOB2501042 SCHNEIDER-QOB2501042 Datasheet
131Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB2501200 SCHNEIDER-QOB2501200 Datasheet
131Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2501201 SCHNEIDER-QOB2501201 Datasheet
52Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
More results

Similar Description - QOB25035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB23535 SCHNEIDER-QOB23535 Datasheet
123Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB26035 SCHNEIDER-QOB26035 Datasheet
123Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB250VH35 SCHNEIDER-QOB250VH35 Datasheet
57Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB220H35 SCHNEIDER-QOB220H35 Datasheet
124Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB21035 SCHNEIDER-QOB21035 Datasheet
132Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB22535 SCHNEIDER-QOB22535 Datasheet
132Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24035 SCHNEIDER-QOB24035 Datasheet
123Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24535 SCHNEIDER-QOB24535 Datasheet
57Kb / 2P
Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB212535 SCHNEIDER-QOB212535 Datasheet
119Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB28035 SCHNEIDER-QOB28035 Datasheet
115Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com