Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWM5031-S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # PWM5031-S
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031-S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  PWM5031-S Datasheet HTML 1Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 2Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 3Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 4Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031-S Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
SCD5031 Rev B
Pr
el
im
in
ary
FIGURE 1 – Block Diagram
Isense
VFB
Comp
SOFT
Rset
Cset
Error Amp
1.4V
VEE
AOUT
1V
Current Sense
Comparators
ENAUX
Internal Enable /
Shutdown Control
Lockout
SLEEP
EN
50%
PWROK
DRVP
OUTA
DRVN
Uncommited
Op-Amp
VCC
Undervoltage
VREF
OUTB
Output
Reference
Logic & Control
Functions
Duty Cycle
Limiting
(50% or 100%)
Drive
Internal Bias
S
R
Q
Q
Oscillator
PIN
NIN
12
15
16
14
13
22, 23
20
21
18,19
2
17
3
10
11
1,24
8
9
7
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com