Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS-2010 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # ARS-2010
Description  Supports DVI-I and DVI-D dual HD displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ARS-2010 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ARS-2010 Datasheet HTML 1Page - Vecow Co., Ltd. ARS-2010 Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Ultra-compact Fanless Systems
ARS-2010
Intel® Core™ i7/i5/i3 U-series Processor (Kaby Lake) Compact Embedded Box PC, 3 GigE LAN with 2 PoE+, Isolated COM, 1 PCIe x4, 1 SIM,
4 USB 3.0, 32 Isolated DIO, Rugged, Expandable, DIN Rail Mount, Fanless -40°C to 85°C Extended Temperature
ƒ
Intel® Core™ i7/i5/i3 U-series SoC (Kaby Lake/Skylake)
ƒ
3 Independent GigE LAN with 2 IEEE 802.3at PoE+
ƒ
Rugged, Fanless -40°C to 85°C Operating Temperature
ƒ
4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCIe x4
ƒ
4 COM RS-232/422/485 with 1 Isolated COM
ƒ
32 Isolated DIO, Ignition Power Control
ƒ
Mounting : DIN Rail, Wallmount
ƒ
Supports DVI-I and DVI-D dual HD displays
ƒ
6V to 36V DC-in with 80V Surge Protection
ƒ
External SIM Socket for WiFi/4G/3G/LTE/GPRS/UMTS
System
Processor
Intel
® Core™ i7-7600U/i7-6600U/i5-6300U/Celeron® 3955U
Processor (Kaby Lake-U/Skylake-U)
Chipset
Intel
® SoC
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2133MHz SO-DIMM, up to 32GB
I/O Interface
Serial
ƒ
1 Isolated COM RS-232/422/485 (2.5kV Isolation)
ƒ
3 COM RS-232/422/485
USB
4 USB 3.0 (External)
Isolated DIO
32 Isolated DIO : 16 DI, 16 DO
LED
Power, HDD, PoE, Wireless
SIM Card
1 SIM Card Socket (External)
Expansion
Mini PCIe
2 Mini PCIe Socket :
ƒ
1 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Full-size for PCIe/USB/mSATA
PCIe
1 PCIe x16 Slot supports PCIe x4 Signal
Graphics
Graphics
Processor
ƒ
Intel
® HD Graphics 620/520
Interface
ƒ
DVI-I : Up to 1920 x1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
Storage
SATA
2 SATA III support S/W RAID 0, 1 :
ƒ
1 SATA III (6Gbps)
ƒ
1 SATA III co-lay with Mini PCIe (6Gbps)
mSATA
1 SATA III co-lay with SATA (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 2.5"SSD/HDD Bracket (Internal)
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
PoE
LAN 2
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210
with Power On/Off Control
LAN 3
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210
with Power On/Off Control
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin terminal block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
(W x L x H)
186mm x 147mm x 82mm (7.3" x 5.8" x 3.2")
Weight
2.2 kg (4.85 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (optional)
Environment
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 85°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
EMC
CE, FCC, EN50155, EN50121-3-2


Similar Part No. - ARS-2010

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ARS-2010M VECOW-ARS-2010M Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2010M-300U VECOW-ARS-2010M-300U Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2010M-600U VECOW-ARS-2010M-600U Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2010M-7600U VECOW-ARS-2010M-7600U Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2010M-955U VECOW-ARS-2010M-955U Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
More results

Similar Description - ARS-2010

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
DVI-I for VGA and DVI-D display output
logo
List of Unclassifed Man...
MB950 ETC2-MB950 Datasheet
707Kb / 1P
Supports dual independent display; DVI-D/ VGA
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
logo
Vecow Co., Ltd.
RCS-9412F VECOW-RCS-9412F Datasheet
406Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3 independent HD displays
RCS-9412FR VECOW-RCS-9412FR Datasheet
437Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421F VECOW-RCS-9421F Datasheet
407Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421FR VECOW-RCS-9421FR Datasheet
436Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430F VECOW-RCS-9430F Datasheet
407Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430FR VECOW-RCS-9430FR Datasheet
436Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com