Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6124 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6124
Description  Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6124 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6124 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
R
EM6124
Copyright
© 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Supply voltage range
VDD1,2
-0.3V to 6V
Supply high voltage range
VHV
-0.3V to 6V
Internal generated VLCD
VLCD
7V
Voltage at DI, DO, CLK, FR,
RES
VLOGIC
-0.3V to
VDD+0.3V
Voltage at S1 to S121
VDISP
-0.3V to
VLCD+0.3V
Storage temperature range
TSTO
-65 to +150°C
Electrostatic discharge max. to
MIL-STD-883C method 3015.7
with ref. to VSS
VSmax
1000V
Maximum soldering conditions
TSmax
250°C x 10s
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min
Typ
Max Unit
Operating
Temperature
TA
-40
+85
°C
Logic supply voltage
VDD1,2
2
3
5.5
V
Supply high voltage
VHV
2.5
3
5.5
V
Electrical Characteristics
VDD1 = VDD2 = 3V, VHV = 2.5 to 5V and TA = -40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Standby supply current
IDD
See note 1
16
22
µA
Standby supply current
IHV
See note 1, VLCD step 30 (hexa)
65
170
µA
Dynamic supply current
IDD
See note 2
57
75
µA
Standby supply current
IHV
See note 3, VLCD Step 00 (hexa)
35
140
µA
Sleep mode supply current
IDD
0.1
µA
Sleep mode supply current
IHV
0.1
µA
Control Signals DI, CLK,
FR, RES1, RES2
Input leakage
IIN
VDD1,2 or VSS
-1
1
µA
Input capacitance
CIN
at TA = 25°C
8
pF
Low level input voltage
VIL
0
0.3 VDD1,2
V
High level input voltage
VIH
0.7 VDD1,2
VDD1,2
V
DC output component
±VDC
See table 4
30
100
mV
VLCD (internally generated)
VLCD
See note 4
6.15
VLCD
VLCD
See note 5
3.15-7.09
V
VLCDstep
62.5
mV
Table 3
Note 1: All outputs open, DI and CLK at VSS, mux ratio = 24, checker pattern.
Note 2: All outputs open, DI at VSS, fCLK = 1 MHz, mux ratio = 24, checker pattern.
Note 3: DI and CLK at VSS, checker pattern, mux ratio = 8.
Note 4: Initialization bits 18 to 23 = 110000 and initialization bits 10, 11 = 00; laser trimming on request.
Note 5: Initialization bits 18 to 23 = 000000/111111.
DC Output Component
Output
Frame
Logic Data
Measured*
Guaranteed
Row Driver
n
n + 1
0L
0L
⏐
VLCD - V2
⏐
⏐
V4 - VSS
⏐
V1 = 0.83 x VLCD ± 100 mV
V2 = 0.66 x VLCD ± 100 mV
Column Driver
n
n + 1
0L
0L
⏐
VLCD - V2
⏐
⏐
V3 - VSS
⏐
V3 = 0.34 x VLCD ± 100 mV
V4 = 0.17 x VLCD ± 100 mV
Table 4
*Vx =
Vx (load = +1
µA) + Vx (load = -1µA)
2
, mux 24 or 25 programmed, VLCD = 6V, TA = 25°C
Test is performed for multiplex rate = 25. All multiplex rate ≠ 25 are guaranteed by design. If multiplex rate ≠ 25, test will be
performed on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com