Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN200N06 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN200N06
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN200N06 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN200N06 Datasheet HTML 1Page - IXYS Corporation IXFN200N06 Datasheet HTML 2Page - IXYS Corporation IXFN200N06 Datasheet HTML 3Page - IXYS Corporation IXFN200N06 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
Time - Seconds
10-3
10-2
10-1
100
10-2
10-1
100
V
DS - Volts
0
1020
3040
0
2000
4000
6000
8000
10000
12000
Crss
Coss
Ciss
V
SD - Volts
0.0
0.5
1.0
1.5
2.0
0
100
200
300
400
T
J =25
OC
T
J =150
OC
Gate Charge - nCoulombs
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
14
16
Case Temperature -
OC
-50
-25
0
25
50
75
100 125 150
0
50
100
150
200
250
V
DS = 40V
I
D = 38A
I
G = 1mA
T
J =100
OC
F = 1MHz
T
J =150
OC
IXFN200
IXFN180
IXFN 200N06
IXFN 180N07 IXFN 200N07
Figure 11. Transient Thermal Resistance
Figure 10. Source-Drain Voltage vs. Source Current
Figure 7. Gate Charge
Figure 9. Capacitance Curves
Figure 8. Drain Current vs. Case
Temperature
(Terminal current limit)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com