| Electronic Components Datasheet Search |
|
M41T81S Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T81S Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 29 page ![]() M41T81S 10/29 WRITE Mode In this mode the master transmitter transmits to the M41T81S slave receiver. Bus protocol is shown in Figure 11., page 10. Following the START condition and slave address, a logic '0' (R/ W=0) is placed on the bus and indicates to the ad- dressed device that word address “An” will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next address location on the reception of an acknowledge clock. The M41T81S slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address see Figure 8., page 8 and again af- ter it has received the word address and each data byte. Data Retention Mode With valid VCC applied, the M41T81S can be ac- cessed as described above with READ or WRITE Cycles. Should the supply voltage decay, the pow- er input will be switched from the VCC pin to the battery when VCC falls below the Battery Back-up Switchover Voltage (VSO). At this time the clock registers will be maintained by the attached bat- tery supply. On power-up, when VCC returns to a nominal value, write protection continues for tREC. For a further, more detailed review of lifetime cal- culations, please see Application Note AN1012. Figure 11. WRITE Mode Sequence AI00591 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |